Electronic Components Datasheet Search
  English  ▼

X  

GL100MN0MP1 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL100MN0MP1
Description  Surface Mount Type, Infrared Emitting Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN0MP1 Datasheet(HTML) 1 Page - Sharp Corporation

  GL100MN0MP1 Datasheet HTML 1Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 2Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Sheet No.: D1-A00601EN
Date: May 30, 2007
©SHARP Corporation
GL100MN0MPx
GL100MN0MPx
Surface Mount Type, Infrared
Emitting Diode
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
■ Features
1.
Compact and thin SMD package
2.
Top view and side view mountable
3.
Plastic mold with resin lens
4.
Peak emission wavelength: 940 nm TYP.
5.
Narrow directivity angle (
Δθ: ±10° TYP.)
6.
Lead free and RoHS directive compliant
■ Model Line-up
■ Agency Approvals/Compliance
1.
Compliant with RoHS directive (2002/95/EC)
2.
Content information about the six substances
specified in “Management Methods for Control of
Pollution Caused by Electronic Information Prod-
ucts Regulation” (popular name: China RoHS)
(Chinese:
);
refer to page 7.
■ Applications
1.
Office automation equipment
2.
Audio visual equipment
3.
Home appliances
4.
Telecommunication equipment
5.
Measuring equipment
6.
Tooling machines
7.
Computers
Model No.
Packaging
Mount Direction
GL100MN0MP
2000 pcs/reel
Side view
GL100MN0MP1
1500 pcs/reel
Top view


Similar Part No. - GL100MN0MP1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL100MN1MP SHARP-GL100MN1MP Datasheet
911Kb / 11P
Surface Mount Type, High Power
GL100MN1MP1 SHARP-GL100MN1MP1 Datasheet
911Kb / 11P
Surface Mount Type, High Power
GL100MN3MP SHARP-GL100MN3MP Datasheet
558Kb / 10P
Surface Mount Type, High Power
GL100MN3MP1 SHARP-GL100MN3MP1 Datasheet
558Kb / 10P
Surface Mount Type, High Power
More results

Similar Description - GL100MN0MP1

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Sharp Corporation
GL453 SHARP-GL453 Datasheet
43Kb / 4P
Bidirectional Emission Type Infrared Emitting Diode
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
GL514 SHARP-GL514 Datasheet
45Kb / 4P
TO-18 Type Infrared Emitting Diode
logo
Fairchild Semiconductor
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
Yellow Stone Corp
BIR-HM133A YSTONE-BIR-HM133A Datasheet
708Kb / 1P
SURFACE MOUNT INFRARED EMITTING DIODES
logo
Fairchild Semiconductor
QTLP610CIR FAIRCHILD-QTLP610CIR Datasheet
188Kb / 6P
RIGHT ANGLE SURFACE MOUNT INFRARED EMITTING DIODE
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com