Electronic Components Datasheet Search
  English  ▼

X  

GL100MN0MP1 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GL100MN0MP1
Description  Surface Mount Type, Infrared Emitting Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN0MP1 Datasheet(HTML) 4 Page - Sharp Corporation

  GL100MN0MP1 Datasheet HTML 1Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 2Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Sheet No.: D1-A00601EN
4
GL100MN0MPx
Fig. 3 Spectral Distribution
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
0
20
40
60
80
100
860
900
940
980
1020
880
920
960
1000
1040
Wavelength
λ (nm)
IF = 5 mA
Ta
= 25°C
920
930
940
950
960
970
980
-50
-25
-30
0
25
50
75 85 100
Ambient temperature
Ta (°C)
IF = constant
Fig. 5 Forward Current vs. Forward Voltage
Fig. 6 Relative Radiant Flux vs.
Ambient Temperature
0.1
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
Forward voltage VF (V)
50°C
0°C
−30°C
25°C
Ta = 85°C
IF = constant
0.1
1
10
-50
-25
-30
0
25
50
85
75
100
Ambient temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com