Electronic Components Datasheet Search
  English  ▼

X  

MIC2566 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MIC2566
Description  Single-Slot PC Card/CardBus Power Controller Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2566 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MIC2566 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2566
Micrel
MIC2566
2
May 2003
Pin Configuration
2
3
4
5
6
7
114
13
12
11
10
9
8
2
3
4
5
6
7
114
13
12
11
10
9
8
MIC2566-0
MIC2566-1
**
**
* Denotes pinout differences. Duplicate pins must be connected together for prober operation.
Example: VCC5IN pins 11 & 13 must be externally connected together.
VCC5_EN
VCC5_EN
VCC3_EN
VCC3_EN
EN 0
EN 1
VPP Ð VCC
VPP Ð PGM
/FLAG
/FLAG
NC
NC
VPP OUT
VPP OUT
GND
GND
VCC5 IN
VCC5 IN
VCC OUT
VCC OUT
VCC5 IN
VCC5 IN
VCC OUT
VCC OUT
VCC3 IN
VCC3 IN
VCC OUT
VCC OUT
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC2566-0
MIC2566-1
11
V
CC5 EN
V
CC 5V Enable (Input).
22
V
CC3 EN
V
CC 3.3V Enable (Input).
3
EN0
Enable 0: Micrel standard logic-control signal. MIC2566-0 only.
3V
PP_VCC
V
PP_VCC Control: Cirrus Logic logic-controller compatible control signal.
MIC2566-1 only.
4
EN1
Enable 1: Micrel standard logic-control signal. MIC2566-0 only.
4V
PP_PGM
Program: Cirrus Logic-compatible control signal. MIC2566-1 only.
5
5
/FLAG
Error Flag: This pin requires a pull-up resistor (10k
Ω recommended) to
V
CC3IN or VCC5IN.
6
6
NC
Not internally connected.
77
V
PP OUT
V
PP Output: 0V (ground), 3.3V, 5V, or high-impedance output.
99
V
CC3 IN
3.3V-Nominal Supply Input: Mandatory supply, switchable to V
CC and VPP
outputs. Also powers MIC2566 internal circuitry.
8, 10, 12
8, 10, 12
V
CC OUT
V
CC Output: 0V (ground), 3.3V, 5V, or high-impedance output. Pins 8, 10,
and 12 must be externally connected.
11, 13
11, 13
V
CC5 IN
5V-Nominal Supply Input: Optional supply, switchable to V
CC and VPP
outputs. Pins 11 and 13 must be externally connected.
14
14
GND
Ground.
Ordering Information
Operating
Part Number
Temp. Range
Package
Pb-Free
MIC2566-0BM
–40
°C to +85°C
14-pin SOP
MIC2566-1BM
–40
°C to +85°C
14-pin SOP
MIC2566-0YM
–40
°C to +85°C
14-pin SOP
X
MIC2566-1YM
–40
°C to +85°C
14-pin SOP
X
MIC2566-0BTS
–40
°C to +85°C
14-pin TSSOP
MIC2566-1BTS
–40
°C to +85°C
14-pin TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com