Electronic Components Datasheet Search
  English  ▼

X  

MIC2566 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC2566
Description  Single-Slot PC Card/CardBus Power Controller Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2566 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC2566 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2566 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
May 2003
3
MIC2566
MIC2566
Micrel
Absolute Maximum Ratings (Note 1)
V
CC3 IN ....................................................................... +6.0V
V
CC5 IN ....................................................................... +6.0V
V
EN0, VEN1, VCC5EN, VCC3EN ............................ –0.3V to +6.0V
V
FLAG ......................................................................... +6.0V
V
PP OUT ................................... >120mA, Internally Limited
V
CC OUT ......................................... >1A, Internally Limited
Power Dissipation at T
A ≤ 25°C (PD) ....... Internally Limited
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (5 sec.) ...................................... +260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
V
CC3 IN ........................................................ +3.0V to +5.5V
V
CC5 IN ............................................................. 0V to +5.5V
V
EN0, VEN1, VCC5EN, VCC3EN .................................. 0V to +5.5V
V
PP OUT ............................................................ 0 to 120mA
V
CC OUT .................................................................. 0 to 1A
Clock Frequency ................................................. 0 to 2MHz
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ...................................... +125°C
Package Thermal Resistance (
θ
JA)
SOP ................................................................. 90
°C/W
TSSOP ............................................................ 83
°C/W
Electrical Characteristics (Note 4)
Specified over operating ambient temperature range of –40
°C to +85°C with V
CC3 IN = 3.3V, VCC5 IN = 5.0V, unless otherwise
specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
DIGITAL INPUTS (V
EN0, VEN1, VCC3EN, VCC5EN)
V
IH
Logic 1 Input Voltage
0.7xV
CC3IN
5.5
V
V
IL
Logic 0 Input Voltage
–0.3
0.3xV
CC3IN
V
I
IN
Input Current
0 V < V
IN < 5.5V
±2
µA
V
PP OUTPUT
I
PP OUT
High Impedance Output
Shutdown Mode
1
10
µA
Hi-Z
Leakage Current
0
≤ V
PP OUT ≤ 5V
I
PPSC
Short Circuit Current Limit
V
PP OUT = 0V
0.12
0.4
A
R
O
Switch Resistance
Select V
PP OUT = 5V
1.4
3
Ω
Select V
PP OUT = 3.3V
1.5
4
Ω
I
PP OUT = –100mA (Sourcing)
R
O
Switch Resistance,
Select V
PP OUT = clamped to ground
1300
3900
Ω
Select V
PP OUT = 0V
I
PP OUT = 50µA (Sinking)
V
PP SWITCHING TIME (See Figure 1)
t
1
Output Turn-On Delay
V
PP OUT = Hi-Z to 10% of 3.3V
5
50
µs
t
2
Note 5
V
PP OUT = Hi-Z to 10% of 5V
10
50
µs
t
3
Output Rise Time
V
PP OUT = 10% to 90% of 3.3V
100
200
800
µs
t
4
Note 5
V
PP OUT = 10% to 90% of 5V
100
300
1000
µs
t
5
Output Turn-Off Delay Time
V
PP OUT = 3.3V to Hi-Z
400
1000
ns
t
6
Note 5
V
PP OUT = 5V to Hi-Z
400
1000
ns
t
7
Output Turn-Off Fall Time
V
PP OUT = 90% to 10% of 3.3V
50
1000
ns
t
8
Note 5
V
PP OUT = 90% to 10% of 5V
50
1000
ns
V
CC OUTPUT
I
CCSC
Short Circuit Current Limit
V
CC OUT = 0V
1
1.5
A
R
O
Switch Resistance
Select V
CC OUT = 3.3V
120
180
m
Ω
I
CC OUT = –1A (Sourcing)
Select V
CC OUT = 5V
90
135
m
Ω
I
CC OUT = –1A (Sourcing)
Select V
CC OUT = clamped to ground
1800
3900
Ω
I
CC OUT = 1mA (Sinking)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com