Electronic Components Datasheet Search
  English  ▼

X  

MIC4101 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4101
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4101 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4101 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
3
M9999-031506
Absolute Maximum Ratings
(1)
Supply Voltage (VDD, VHB – VHS) ...................... -0.3V to 18V
Input Voltages (VLI, VHI) ......................... -0.3V to VDD + 0.3V
Voltage on LO (VLO) .............................. -0.3V to VDD + 0.3V
Voltage on HO (VHO) ......................VHS - 0.3V to VHB + 0.3V
Voltage on HS (continuous) .............................. -1V to 110V
Voltage on HB ..............................................................118V
Average Current in VDD to HB Diode.......................100mA
Junction Temperature (TJ) ........................–55°C to +150°C
Storage Temperature (Ts) ..........................-60°C to +150°C
EDS Rating
(3)..............................................................Note 3
Operating Ratings
(2)
Supply Voltage (VDD)........................................ +9V to +16V
Voltage on HS ................................................... -1V to 100V
Voltage on HS (repetitive transient) .................. -5V to 105V
HS Slew Rate............................................................ 50V/ns
Voltage on HB ...................................VHS + 8V to VHS + 16V
and............................................ VDD - 1V to VDD + 100V
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
SOIC-8L (
θJA)...................................................140°C/W
Electrical Characteristics
(4)
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = 25°C; unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
VDD Quiescent Current
IDD
LI = HI = 0V
40
150
200
µA
VDD Operating Current
IDDO
f = 500kHz
2.5
3.4
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
25
150
200
µA
Total HB Operating Current
IHBO
f = 500kHz
1.4
2.5
3
mA
HB to VSS Current, Quiescent
IHBS
VHS = VHB = 110V
0.05
1
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz
10
µA
Input Pins: MIC4100 (CMOS Input )
Low Level Input Voltage
Threshold
VIL
4
3
5.3
V
High Level Input Voltage
Threshold
VIH
5.7
7
8
V
Input Voltage Hysteresis
VIHYS
0.4
V
Input Pulldown Resistance
RI
100
200
500
K
Ω
Input Pins: MIC4101 (TTL)
Low Level Input Voltage
Threshold
VIL
0.8
1.5
V
High Level Input Voltage
Threshold
VIH
1.5
2.2
V
Input Pulldown Resistance
RI
100
200
500
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com