Electronic Components Datasheet Search
  English  ▼

X  

MIC4101 Datasheet(PDF) 15 Page - MIC GROUP RECTIFIERS

Part # MIC4101
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4101 Datasheet(HTML) 15 Page - MIC GROUP RECTIFIERS

Back Button MIC4101 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 15Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 16Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 17Page - MIC GROUP RECTIFIERS MIC4101 Datasheet HTML 18Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
15
M9999-031506
The bypass
he MOSFET.
capacitors are recommended for most applications. The
minimum capacitance value should be increased if low
voltage capacitors are use since even good quality
dielectric capacitors, such as X5R, will lose 40% to 70% of
their capacitance value at the rated voltage.
Placement of the decoupling capacitors is critical. The
bypass capacitor for Vdd should be placed as close as
possible between the Vdd and Vss pins.
capacitor (CB) for the HB supply pin must be located as
close as possible between the HB and HS pins. The etch
connections must be short, wide and direct. The use of a
ground plane to minimize connection impedance is
recommended. Refer to the section on layout and
component placement for more information.
The voltage on the bootstrap capacitor drops each time it
delivers charge to turn on the MOSFET. The voltage drop
depends on the gate charge required by t
Most MOSFET specifications specify gate charge vs. Vgs
voltage. Based on this information and a recommended
∆VHB of less than 0.1V, the minimum value of bootstrap
capacitance is calculated as:
pin
HB
at the
drop
Voltage
∆V
V
at
Charge
Gate
Total
Q
:
where
HB
HB
gate
=
=
∆
≥
HB
gate
B
V
Q
C
The decoupling capacitor for the Vdd input may be
calculated in with the same formula; however, the two
capacitors are usually equal in value.
pere peak currents
round
the current
ust also keep HB
Grounding, Component Placement and Circuit Layout
Nanosecond switching speeds and am
in and around the MIC4100 and MIC4101 drivers require
proper placement and trace routing of all components.
Improper placement may cause degraded noise immunity,
false switching, excessive ringing or circuit latch-up.
Figure 9 shows the critical current paths when the driver
outputs go high and turn on the external MOSFETs. It also
helps demonstrate the need for a low impedance g
plane. Charge needed to turn-on the MOSFET gates
comes from the decoupling capacitors CVDD and CB.
Current in the low-side gate driver flows from CVDD through
the internal driver, into the MOSFET gate and out the
Source. The return connection back to the decoupling
capacitor is made through the ground plane. Any
inductance or resistance in the ground return path causes
a voltage spike or ringing to appear on the source of the
MOSFET. This voltage works against the gate drive
voltage and can either slow down or turn off the MOSFET
during the period where it should be turned on.
Current in the high-side driver is sourced from capacitor CB
and flows into the HB pin and out the HO pin, into the gate
of the high side MOSFET. The return path for
is from the source of the MOSFET and back to capacitor
CB. The high-side circuit return path usually does not have
a low impedance ground plane so the etch connections in
this critical path should be short and wide to minimize
parasitic inductance. As with the low-side circuit,
impedance between the MOSFET source and the
decoupling capacitor causes negative voltage feedback
which fights the turn-on of the MOSFET.
It is important to note that capacitor CB must be placed
close to the HB and HS pins. This capacitor not only
provides all the energy for turn-on but it m
pin noise and ripple low for proper operation of the high-
side drive circuitry.
HS
HB
HO
Vdd
C
B
LO
Level
shift
HI
LI
Vss
LO
C
Vdd
gnd
plane
gnd
plane
Low-side drive turn-on
current path
High-side drive turn-on
current path
Turn-On Current Paths
Figure 9
Figure 10 shows the critical cu
t paths when the driver
o low and turn
ernal MOSFETs. Short,
w impedance connections are important during turn-off
rren
off the ext
outputs g
lo
for the same reasons given in the turn-on explanation.
Current flowing through the internal diode replenishes
charge in the bootstrap capacitor, CB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com