Electronic Components Datasheet Search
  English  ▼

X  

MIC4225 Datasheet(PDF) 10 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 10 Page - MIC GROUP RECTIFIERS

Back Button MIC4225 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 14Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
10
M9999-061109-A
(408) 944-0800
Application Information
Power Dissipation Considerations
Power dissipation in the driver can be separated into two
areas:
Output driver stage dissipation
Quiescent current dissipation used to supply the
internal logic and control functions.
Output Driver Stage Power Dissipation
Power dissipation in the driver’s output stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 3 shows a simplified circuit of the MIC4223 driving
an external MOSFET.
Figure 3. Functional MOSFET/Driver Diagram
Dissipation Caused by Switching the External
MOSFET
Energy from capacitor CVDD is used to charge up the input
capacitance of the MOSFET (CGD and CGS). The energy
delivered to the MOSFET is dissipated in the upper driver
MOSFET
and
Bipolar
impedances.
The
effective
capacitance of CGD and CGS is difficult to calculate since
they vary non-linearly with ID, VGS, and VDS. Fortunately,
most power MOSFET specifications include a typical
graph of total gate charge vs. VGS. Figure 4 shows a
typical MOSFET gate charge curve. The graph illustrates
that for a gate voltage of 10V, the MOSFET requires about
23.5nC of charge.
Figure 4. MOSFET Gate Charge vs. VGS
The energy dissipated during turn-on is calculated as:
GS
GS
iss
V
V
C
E
×
×
=
×
=
×
×
=
G
iss
2
2
1
Q
1/2
E
so
V
C
Q
:
but
e
capacitanc
gate
total
s
MOSFET'
the
is
C
where
An equivalent amount of energy is dissipated in the
driver’s sink circuit when the MOSFET turns off. The total
energy and power dissipated by the drive components is:
S
GS
G
DRIVER
GS
G
DRIVER
f
V
Q
P
and
V
Q
E
×
×
=
×
=
Where:
EDRIVER is the energy dissipated per switching cycle
PDRIVER is the power dissipated by switching the
MOSFET on and off
QG is the total Gate charge at VGS
VGS is the MOSFETs Gate to Source voltage
fS is the switching frequency of the Gate drive
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com