Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4416 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4416 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
May 2005
3
MIC4416/4417
MIC4416/4417
Micrel, Inc.
Electrical Characteristics(Note 3)
Parameter
Condition (Note 1)
Min
Typ
Max
Units
Supply Current
4.5V ≤ VS ≤ 18V
V
CTL = 0V
50
200
µA
V
CTL = 5V
370
1500
µA
Control Input Voltage
4.5V ≤ VS ≤ 18V
V
CTL for logic 0 input
0.8
V
V
CTL for logic 1 input
2.4
V
Control Input Current
0V ≤ VCTL ≤ VS
–10
10
µA
Delay Time, V
CTL Rising
V
S = 5V
C
L = 1000pF, Note 2
42
ns
V
S = 18V
C
L = 1000pF, Note 2
33
60
ns
Delay Time, V
CTL Falling
V
S = 5V
C
L = 1000pF, Note 2
42
ns
V
S = 18V
C
L = 1000pF, Note 2
23
40
ns
Output Rise Time
V
S = 5V
C
L = 1000pF, Note 2
24
ns
V
S = 18V
C
L = 1000pF, Note 2
14
40
ns
Output Fall Time
V
S = 5V
C
L = 1000pF, Note 2
28
ns
V
S = 18V
C
L = 1000pF, Note 2
16
40
ns
Gate Output Offset Voltage
4.5V ≤ VS ≤ 18V
V
G = high
–25
mV
V
G = low
25
mV
Output Resistance
V
S = 5V, IOUT = 10mA
P-channel (source) MOSFET
7.6
Ω
N-channel (sink) MOSFET
7.8
Ω
V
S = 18V, IOUT = 10mA
P-channel (source) MOSFET
3.5
10
Ω
N-channel (sink) MOSFET
3.5
10
Ω
Gate Output Reverse Current
No latch up
250
mA
General Note: Devices are ESD protected, however handling precautions are recommended.
Note 1:
Typical values at T
A = 25°C. Minimum and maximum values indicate performance at –40°C ≥ TA ≥ +85°C. Parts production tested at 25°C.
Note 2:
Refer to “MIC4416 Timing Definitions” and “MIC4417 Timing Definitions” diagrams (see next page).
Note 3:
Specification for packaged product only.
Absolute Maximum Ratings
Supply Voltage (V
S) .................................................... +20V
Control Voltage (V
CTL) .................................. –20V to +20V
Gate Voltage (V
G) ....................................................... +20V
Junction Temperature (T
J) ........................................ 150°C
Lead Temperature, Soldering ................... 260°C for 5 sec.
Operating Ratings
Supply Voltage (V
S) ....................................... +4.5 to +18V
Control Voltage (V
CTL) .......................................... 0V to VS
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Thermal Resistance (θJA)...................................... 220°C/W
(soldered to 0.25in2 copper ground plane)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com