Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 7 Page - MIC GROUP RECTIFIERS

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4416 Datasheet(HTML) 7 Page - MIC GROUP RECTIFIERS

Back Button MIC4416 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4416 Datasheet HTML 10Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
May 2005
7
MIC4416/4417
MIC4416/4417
Micrel, Inc.
Functional Description
Refer to the functional diagram.
The MIC4416 is a noninverting driver. A logic high on the CTL
(control) input produces gate drive output. The MIC4417 is
an inverting driver. A logic low on the CTL (control) input
produces gate drive output. The G (gate) output is used to
turn on an external N-channel MOSFET.
Supply
VS (supply) is rated for +4.5V to +18V. External capacitors
are recommended to decouple noise.
Control
CTL (control) is a TTL-compatible input. CTL must be forced
high or low by an external signal. A floating input will cause
unpredictable operation.
A high input turns on Q1, which sinks the output of the 0.3mA
and the 0.6mA current source, forcing the input of the first
inverter low.
Hysteresis
The control threshold voltage, when CTL is rising, is slightly
higher than the control threshold voltage when CTL is falling.
When CTL is low, Q2 is on, which applies the additional
0.6mA current source to Q1. Forcing CTL high turns on Q1
which must sink 0.9mA from the two current sources. The
higher current through Q1 causes a larger drain-to-source
voltage drop across Q1. A slightly higher control voltage is
required to pull the input of the first inverter down to its
threshold.
Functional Diagram
Logic-Level
Input
VS
CTL
G
MIC4417
INVERTING
MIC4416
NONINVERTING
0.3mA
0.6mA
R1
2k
GND
VSWITCHED
VSUPPLY
D1
D4
D2
D5
D3
35V
Q1
Q2
Q3
Q4
Functional Diagram with External Components
Q2 turns off after the first inverter output goes high. This
reduces the current through Q1 to 0.3mA. The lower current
reduces the drain-to-source voltage drop across Q1.
A
slightly lower control voltage will pull the input of the first
inverter up to its threshold.
Drivers
The second (optional) inverter permits the driver to be manu-
factured in inverting and noninverting versions.
The last inverter functions as a driver for the output MOSFETs
Q3 and Q4.
Gate Output
G (gate) is designed to drive a capacitive load. V
G (gate
output voltage) is either approximately the supply voltage or
approximately ground, depending on the logic state applied
to CTL.
If CTL is high, and VS (supply) drops to zero, the gate output
will be floating (unpredictable).
ESD Protection
D1 protects VS from negative ESD voltages. D2 and D3
clamp positive and negative ESD voltages applied to CTL.
R1 isolates the gate of Q1 from sudden changes on the CTL
input. D4 and D5 prevent Q1’s gate voltage from exceeding
the supply voltage or going below ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com