Electronic Components Datasheet Search
  English  ▼

X  

MIC4420CT Datasheet(PDF) 7 Page - MIC GROUP RECTIFIERS

Part # MIC4420CT
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4420CT Datasheet(HTML) 7 Page - MIC GROUP RECTIFIERS

Back Button MIC4420CT Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 11Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
July 2005
7
M9999-072205
MIC4420/4429
Micrel, Inc.
Applications Information
Supply Bypassing
Charging and discharging large capacitive loads quickly
requires large currents. For example, charging a 2500pF
load to 18V in 25ns requires a 1.8 A current from the device
power supply.
The MIC4420/4429 has double bonding on the supply pins,
the ground pins and output pins This reduces parasitic lead
inductance. Low inductance enables large currents to be
switched rapidly. It also reduces internal ringing that can
cause voltage breakdown when the driver is operated at
or near the maximum rated voltage.
Internal ringing can also cause output oscillation due to
feedback. This feedback is added to the input signal since
it is referenced to the same ground.
To guarantee low supply impedance over a wide frequency
range, a parallel capacitor combination is recommended for
supply bypassing. Low inductance ceramic disk capacitors
with short lead lengths (< 0.5 inch) should be used. A 1µF
low ESR film capacitor in parallel with two 0.1 µF low ESR
ceramic capacitors, (such asAVX RAM GUARD®), provides
adequate bypassing. Connect one ceramic capacitor di-
rectly between pins 1 and 4. Connect the second ceramic
capacitor directly between pins 8 and 5.
Grounding
The high current capability of the MIC4420/4429 demands
careful PC board layout for best performance Since the
MIC4429 is an inverting driver, any ground lead impedance
will appear as negative feedback which can degrade switch-
ing speed. Feedback is especially noticeable with slow-rise
time inputs. The MIC4429 input structure includes 300mV
of hysteresis to ensure clean transitions and freedom from
oscillation, but attention to layout is still recommended.
Figure 3 shows the feedback effect in detail.As the MIC4429
input begins to go positive, the output goes negative and
several amperes of current flow in the ground lead. As little
as 0.05Ω of PC trace resistance can produce hundreds of
millivolts at the MIC4429 ground pins. If the driving logic is
referenced to power ground, the effective logic input level
is reduced and oscillation may result.
To insure optimum performance, separate ground traces
should be provided for the logic and power connections.
Connecting the logic ground directly to the MIC4429 GND
pins will ensure full logic drive to the input and ensure fast
output switching. Both of the MIC4429 GND pins should,
however, still be connected to power ground.
Figure 3. Self-Contained Voltage Doubler
MIC4429
1µF
50V
MKS2
UNITED CHEMCON SXE
0.1µF
WIMA
MKS2
1
8
6, 7
5
4
0.1µF
50V
5.6 kΩ
560 Ω
+15
220 µF 50V
BYV 10 (x 2)
35 µF 50V
(x2) 1N4448
2
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com