Electronic Components Datasheet Search
  English  ▼

X  

MIC4420CT Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC4420CT
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4420CT Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC4420CT Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4420CT Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
July 2005
9
M9999-072205
MIC4420/4429
Micrel, Inc.
where:
IH = quiescent current with input high
IL = quiescent current with input low
D = fraction of time input is high (duty cycle)
VS = power supply voltage
Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for a
very brief interval, both the N- and P-channel MOSFETs in
the output totem-pole are ON simultaneously, and a cur-
rent is conducted through them from V+S to ground. The
transition power dissipation is approximately:
PT = 2 f VS (A•s)
where (A•s) is a time-current factor derived from the typical
characteristic curves.
Total power (PD) then, as previously described is:
PD = PL + PQ +PT
Definitions
CL = Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the
input to the driver is high.
f = Operating Frequency of the driver in Hertz
IH = Powersupplycurrentdrawnbyadriverwhenboth
inputs are high and neither output is loaded.
IL = Powersupplycurrentdrawnbyadriverwhenboth
inputs are low and neither output is loaded.
ID = Output current from a driver in Amps.
PD = Total power dissipated in a driver in Watts.
PL = Power dissipated in the driver due to the driver’s
load in Watts.
PQ = Power dissipated in a quiescent driver in
Watts.
PT = Power dissipated in a driver when the output
changesstates(“shoot-throughcurrent”)inWatts.
NOTE: The “shoot-through” current from a dual
transition (once up, once down) for both drivers
is shown by the "Typical Characteristic Curve :
Crossover Area vs. Supply Voltage and is in am-
pere-seconds. This figure must be multiplied by
the number of repetitions per second (frequency)
to find Watts.
RO = Output resistance of a driver in Ohms.
VS = Power supply voltage to the IC in Volts.
Capacitive Load Power Dissipation
Dissipation caused by a capacitive load is simply the en-
ergy placed in, or removed from, the load capacitance by
the driver. The energy stored in a capacitor is described
by the equation:
E = 1/2 C V2
As this energy is lost in the driver each time the load is
charged or discharged, for power dissipation calculations
the 1/2 is removed. This equation also shows that it is
good practice not to place more voltage on the capacitor
than is necessary, as dissipation increases as the square
of the voltage applied to the capacitor. For a driver with a
capacitive load:
PL = f C (VS)2
where:
f = Operating Frequency
C = Load Capacitance
VS =Driver Supply Voltage
Inductive Load Power Dissipation
For inductive loads the situation is more complicated. For
the part of the cycle in which the driver is actively forcing
current into the inductor, the situation is the same as it is
in the resistive case:
PL1 = I2 RO D
However, in this instance the RO required may be either
the on resistance of the driver when its output is in the high
state, or its on resistance when the driver is in the low state,
depending on how the inductor is connected, and this is
still only half the story. For the part of the cycle when the
inductor is forcing current through the driver, dissipation is
best described as
PL2 = I VD (1-D)
where VD is the forward drop of the clamp diode in the
driver (generally around 0.7V). The two parts of the load
dissipation must be summed in to produce PL
PL = PL1 + PL2
Quiescent Power Dissipation
Quiescent power dissipation (PQ, as described in the input
section) depends on whether the input is high or low. A low
input will result in a maximum current drain (per driver) of
≤0.2mA; a logic high will result in a current drain of ≤2.0mA.
Quiescent power can therefore be found from:
PQ = VS [D IH + (1-D) IL]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com