Electronic Components Datasheet Search
  English  ▼

X  

MIC4422CM Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4422CM
Description  9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422CM Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4422CM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC4421/4422
Micrel, Inc.
August 2005
3
M9999-081005
Electrical Characteristics: (T
A = 25°C with 4.5 V ≤ VS ≤ 18 V unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
V
IH
Logic 1 Input Voltage
2.4
1.3
V
V
IL
Logic 0 Input Voltage
1.1
0.8
V
V
IN
Input Voltage Range
–5
V
S+0.3
V
I
IN
Input Current
0 V ≤ V
IN ≤ VS
–10
10
µA
OUTPUT
V
OH
High Output Voltage
See Figure 1
V
S–.025
V
V
OL
Low Output Voltage
See Figure 1
0.025
V
R
O
Output Resistance,
I
OUT = 10 mA, VS = 18 V
0.6
Ω
Output High
R
O
Output Resistance,
I
OUT = 10 mA, VS = 18 V
0.8
1.7
Ω
Output Low
I
PK
Peak Output Current
V
S = 18 V (See Figure 6)
9
A
I
DC
Continuous Output Current
2
A
I
R
Latch-Up Protection
Duty Cycle ≤ 2%
>1500
mA
Withstand Reverse Current
t ≤ 300 µs
SWITCHING TIME (Note 3)
t
R
Rise Time
Test Figure 1, C
L = 10,000 pF
20
75
ns
t
F
Fall Time
Test Figure 1, C
L = 10,000 pF
24
75
ns
t
D1
Delay Time
Test Figure 1
15
60
ns
t
D2
Delay Time
Test Figure 1
35
60
ns
POWER SUPPLY
I
S
Power Supply Current
V
IN = 3 V
0.4
1.5
mA
V
IN = 0 V
80
150
µA
V
S
Operating Input Voltage
4.5
18
V
Operating Ratings
Junction Temperature................................................ 150°C
Ambient Temperature
C Version .................................................... 0°C to +70°C
B Version ................................................ –40°C to +85°C
Thermal Resistance
5-Pin TO-220 (θ
JC) ............................................... 10°C/W
Absolute Maximum Ratings (Notes 1, 2 and 3)
Supply Voltage .............................................................. 20V
Input Voltage ...................................V
S + 0.3V to GND – 5V
Input Current (V
IN > VS).............................................. 50 mA
Power Dissipation, T
A ≤ 25°C
PDIP .................................................................... 960mW
SOIC.................................................................. 1040mW
5-Pin TO-220 .............................................................. 2W
Power Dissipation, T
CASE ≤ 25°C
5-Pin TO-220 ......................................................... 12.5W
Derating Factors (to Ambient)
PDIP ................................................................7.7mW/°C
SOIC................................................................8.3mW/°C
5-Pin TO-220 ....................................................17mW/°C
Storage Temperature................................ –65°C to +150°C
Lead Temperature (10 sec) ....................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com