Electronic Components Datasheet Search
  English  ▼

X  

MIC4422CM Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC4422CM
Description  9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422CM Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC4422CM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MIC4421/4422
Micrel, Inc.
August 2005
5
M9999-081005
4
6
8
10 12 14 16 18
220
200
180
160
140
120
100
80
60
40
0
SUPPLY VOLTAGE (V)
Rise Time
vs. Supply Voltage
20
22,000pF
10,000pF
47,000pF
4
6
8
10 12 14 16 18
220
200
180
160
140
120
100
80
60
40
0
SUPPLY VOLTAGE (V)
Fall Time
vs. Supply Voltage
20
22,000pF
10,000pF
47,000pF
60
50
40
30
20
10
0
TEMPERATURE (°C)
Rise and Fall Times
vs. Temperature
-40
0
40
80
120
CL = 10,000pF
VS = 18V
tFALL
tRISE
100
1000
10k
100k
300
250
200
150
100
50
0
CAPACITIVE LOAD (pF)
Rise Time
vs. Capacitive Load
18V
10V
5V
100
1000
10k
100k
300
250
200
150
100
50
0
CAPACITIVE LOAD (pF)
Fall Time
vs. Capacitive Load
18V
10V
5V
4
6
8
10 12 14 16 18
10-7
10-8
10-9
VOLTAGE (V)
Crossover Energy
vs. Supply Voltage
PER TRANSITION
100
1000
10k
100k
75
30
0
CAPACITIVE LOAD (pF)
Supply Current
vs. Capacitive Load
15
45
60
VS = 5V
1 MHz
100
1000
10k
100k
220
160
100
40
0
CAPACITIVE LOAD (pF)
Supply Current
vs. Capacitive Load
20
60
80
120
140
180
200
VS = 18V
1 MHz
100
1000
10k
100k
150
60
0
CAPACITIVE LOAD (pF)
Supply Current
vs. Capacitive Load
30
90
120
VS = 12V
1 MHz
Typical Characteristics
10k
100k
1M
10M
120
100
40
0
FREQUENCY (Hz)
Supply Current
vs. Frequency
20
60
80
VS = 12V
10k
100k
1M
10M
60
50
20
0
FREQUENCY (Hz)
Supply Current
vs. Frequency
10
30
40
VS = 5V
10k
100k
1M
10M
180
160
100
40
0
FREQUENCY (Hz)
Supply Current
vs. Frequency
20
60
80
120
140
VS = 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com