Electronic Components Datasheet Search
  English  ▼

X  

MIC4422CT Datasheet(PDF) 10 Page - MIC GROUP RECTIFIERS

Part # MIC4422CT
Description  9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422CT Datasheet(HTML) 10 Page - MIC GROUP RECTIFIERS

Back Button MIC4422CT Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
10
August 2005
MIC4421
1
8
6, 7
5
4
+18 V
0.1µF
0.1µF
TEK CURRENT
PROBE 6302
10,000 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
WIMA
MK22
1 µF
2
Figure 6. Peak Output Current Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com