Electronic Components Datasheet Search
  English  ▼

X  

MIC4422CT Datasheet(PDF) 11 Page - MIC GROUP RECTIFIERS

Part # MIC4422CT
Description  9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422CT Datasheet(HTML) 11 Page - MIC GROUP RECTIFIERS

Back Button MIC4422CT Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4422CT Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MIC4421/4422
Micrel, Inc.
August 2005
11
M9999-081005
Package Information
0.370 (9.40)
0.125 (3.18)
PIN 1
INCH (MM)
0.018 (0.57)
0.100 (2.54)
0.013 (0.330)
0.010 (0.254)
0.300 (7.62)
0.245 (6.22)
0.0375 (0.952)
0.130 (3.30)
8-Pin Plastic DIP (N)
45°
0°–8°
0.228 (5.79)
0.189 (4.8)
PLANE
MAX )
0.010 (0.25)
0.007 (0.18)
0.045 (1.14)
0.0040 (0.102)
0.013 (0.33)
0.150 (3.81)
TYP
PIN 1
INCHES (MM)
0.016 (0.40)
8-Pin SOIC (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com