Electronic Components Datasheet Search
  English  ▼

X  

MIC4425 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MIC4425
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4425 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MIC4425 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC4423/4424/4425
Micrel, Inc.
MIC4423/4424/4425
4
July 2005
Figure 1a. Inverting Driver Switching Time
Test Circuit
A
B
INA
INB
MIC4423
OUTA
1800pF
VS = 18V
0.1µF
4.7µF
OUTB
1800pF
A
B
INA
INB
MIC4424
OUTA
1800pF
VS = 18V
0.1µF
4.7µF
OUTB
1800pF
tD1
90%
10%
tF
10%
0V
5V
tD2
tR
VS
OUTPUT
INPUT
90%
0V
tPW≥ 0.5µs
2.5V
tPW
90%
10%
tR
10%
0V
5V
tF
V S
OUTPUT
INPUT
90%
0V
tPW≥ 0.5µs
tD1
tD2
tPW
2.5V
Figure 1b. Noninverting Driver Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com