Electronic Components Datasheet Search
  English  ▼

X  

MIC4425 Datasheet(PDF) 11 Page - MIC GROUP RECTIFIERS

Part # MIC4425
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4425 Datasheet(HTML) 11 Page - MIC GROUP RECTIFIERS

Back Button MIC4425 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 13Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
July 2005
11
MIC4423/4424/4425
MIC4423/4424/4425
Micrel, Inc.
NOTE: THE VALUES ON THIS GRAPH REPRESENT THE LOSS SEEN BY BOTH
DRIVERS IN A PACKAGE DURING ONE COMPLETE CYCLE. FOR A SINGLE
DRIVER DIVIDE THE STATED VALUES BY 2. FOR A SINGLE TRANSITION OF A
SINGLE DRIVER, DIVIDE THE STATED VALUE BY 4.
Figure 2.
0 2 4 6 8 10 12 14 16 18
VIN
Crossover
Energy Loss
10-8
10-9
10-10
0
250
500
750
1000
1250
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
SOIC
PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com