Electronic Components Datasheet Search
  English  ▼

X  

MIC4422ACT Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MIC4422ACT
Description  High peak-output current: 9A Peak (typ.)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422ACT Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MIC4422ACT Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
4
M9999-062707
Symbol
Parameter
Condition
Min
Typ
Max
Units
Switching Time (Note 5) continued
tD2
Delay Time
Test Figure 1
35
60
80
ns
ns
tPW
Minimum Input Pulse Width
See Figure 1 and Figure 2.
50
ns
fmax
Maximum Input Frequency
See Figure 1 and Figure 2.
1
MHz
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Minimum footprint.
5. Guaranteed by design.
Test Circuit
MIC4421A
10,000pF
= 18V
0.1µF
4.7µF
0.1µF
VIN
VOUT
VS
MIC4422A
10,000pF
= 18V
0.1µF
4.7µF
0.1µF
VIN
VOUT
VS
tD1
90%
10%
tF
10%
0V
5V
tD2
tR
VS
OUTPUT
INPUT
90%
0V
tPW 50ns
2.5V
tPW
90%
10%
tR
10%
0V
5V
tF
VS
OUTPUT
INPUT
90%
0V
tPW 50ns
tD1
tD2
tPW
2.5V
Figure 1. Inverting Driver Switching Time
Figure 2. Non-Inverting Driver Switching Time
Control Input Behavior
Logic 1
Logic 0
VIH
VIH
VIL
VIL
0.8V
1.5V
0V
2.1V
VS
3V
Figure 3. Input Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com