Electronic Components Datasheet Search
  English  ▼

X  

MIC4422ACT Datasheet(PDF) 10 Page - MIC GROUP RECTIFIERS

Part # MIC4422ACT
Description  High peak-output current: 9A Peak (typ.)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422ACT Datasheet(HTML) 10 Page - MIC GROUP RECTIFIERS

Back Button MIC4422ACT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4422ACT Datasheet HTML 13Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
10
M9999-062707
Table 1. MIC4421A Maximum Operating Frequency
VS
Max Frequency
18V
220kHz
15V
300kHz
10V
640kHz
5V
2MHz
Conditions:
1.
θJA = 150°C/W
2.
TA = 25°C
3.
CL = 10,000pF
Capacitive Load Power Dissipation
Dissipation caused by a capacitive load is simply the
energy placed in, or removed from, the load capacitance
by the driver. The energy stored in a capacitor is
described by the equation:
E = 1/2 C V
2
As this energy is lost in the driver each time the load is
charged or discharged, for power dissipation calculations
the 1/2 is removed. This equation also shows that it is
good practice not to place more voltage in the capacitor
than is necessary, as dissipation increases as the
square of the voltage applied to the capacitor. For a
driver with a capacitive load:
PL = f C (VS)2
where:
f =
Operating Frequency
C =
Load Capacitance
VS =
Driver Supply Voltage
Inductive Load Power Dissipation
For inductive loads the situation is more complicated.
For the part of the cycle in which the driver is actively
forcing current into the inductor, the situation is the same
as it is in the resistive case:
PL1 = I
2 R
O D
However, in this instance the RO required may be either
the on-resistance of the driver when its output is in the
high state, or its on-resistance when the driver is in the
low state, depending on how the inductor is connected,
and this is still only half the story. For the part of the
cycle when the inductor is forcing current through the
driver, dissipation is best described as:
PL2 = I VD (1 – D)
where VD is the forward drop of the clamp diode in the
driver (generally around 0.7V). The two parts of the load
dissipation must be summed in to produce PL:
PL = P L1 + P L2
Quiescent Power Dissipation
Quiescent power dissipation (PQ, as described in the
input section) depends on whether the input is high or
low. A low input will result in a maximum current drain
(per driver) of ≤0.2mA; a logic high will result in a current
drain of ≤3.0mA.
Quiescent power can therefore be found from:
PQ = VS [D IH + (1 – D) IL]
where:
IH =
Quiescent current with input high
IL =
Quiescent current with input low
D =
Fraction of time input is high (duty cycle)
VS =
Power supply voltage
Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for
a very brief interval, both the N- and P-Channel
MOSFETs
in
the
output
totem-pole
are
ON
simultaneously, and a current is conducted through them
from VS to ground. The transition power dissipation is
approximately:
PT = 2 f VS (A•s)
where (A•s) is a time-current factor derived from the
typical characteristic curve “Crossover Energy vs.
Supply Voltage.”
Total power (PD) then, as previously described is just:
PD = PL + PQ + PT
Definitions
CL =
Load Capacitance in Farads.
D =
Duty Cycle expressed as the fraction of time
the input to the driver is high.
f =
Operating Frequency of the driver in Hertz.
IH =
Power supply current drawn by a driver
when both inputs are high and neither output
is loaded.
IL =
Power supply current drawn by a driver
when both inputs are low and neither output
is loaded.
ID =
Output current from a driver in Amps.
PD =
Total power dissipated in a driver in Watts.
PL =
Power dissipated in the driver due to the
driver’s load in Watts.
PQ =
Power dissipated in a quiescent driver in
Watts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com