Electronic Components Datasheet Search
  English  ▼

X  

MIC5191BML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5191BML
Description  Ultra High-Speed, High-Current Active Filter / LDO Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191BML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5191BML Datasheet HTML 7Page - Micrel Semiconductor MIC5191BML Datasheet HTML 8Page - Micrel Semiconductor MIC5191BML Datasheet HTML 9Page - Micrel Semiconductor MIC5191BML Datasheet HTML 10Page - Micrel Semiconductor MIC5191BML Datasheet HTML 11Page - Micrel Semiconductor MIC5191BML Datasheet HTML 12Page - Micrel Semiconductor MIC5191BML Datasheet HTML 13Page - Micrel Semiconductor MIC5191BML Datasheet HTML 14Page - Micrel Semiconductor MIC5191BML Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Micrel, Inc.
MIC5191
December 2006
11
M9999-122206
Referring to Application Hint 17, Designing PCB Heat
Sinks
, the minimum amount of copper area for a D
2pack
at 28.8°C/W is 2750mm
2 (or 0.426in2). The solid line
denotes convection heating only (2 oz. copper) and the
dotted line shows thermal resistance with 250LFM air-
flow. The copper area can be significantly reduced by
increasing airflow or by adding external heat sinks.
Figure 8. PC Board Heat Sink
Another important characteristic is the amount of gate
capacitance. Large gate capacitance can reduce
transient performance by reducing the ability of the
MIC5190 to slew the gate. It is recommended that the
MOSFET used has an input capacitance <10nF (CISS).
Source threshold specified in most MOSFET data sheets
refers to the minimum voltage needed to fully enhance
the MOSFET. Although for the most part, the MOSFET
will be operating in the linear region and the VGS (gate-
source voltage) will be less than the fully enhanced VGS,
it is recommended the VCC voltage has 2V over the
minimum VGS and output voltage. This is due to the
saturation voltage of the MIC5191 output driver.
VCC1, 2 ≥ 2V + VGS + VOUT
For our example, with a 1.5V output voltage, our
MOSFET is fully enhanced at 4.5VGS, our VCC voltage
should be greater or equal to 8V.
Input Capacitor
Good input bypassing is important for improved perfor-
mance. Low ESR and low ESL input capacitors reduce
both the drain of the N-Channel MOSFET, as well as the
source impedance to the MIC5191. When a load
transient on the output occurs, the load step will also
appear on the input. Deviations on the input voltage will
be reduced by the MIC5191’s PSRR, but nonetheless
appear on the output. There is no minimum input
capacitance,
but
for
optimal
performance
it
is
recommended that the input capacitance be equal to or
greater than the output capacitance.
Output Capacitor
The MIC5191 is stable with any type or value of output
capacitor (even without any output capacitor!). This
allows the output capacitor to select which parameters of
the regulator are important. In cases where transient
response is the most important, low ESR and low ESL
ceramic capacitors are recommended. Also, the more
capacitance on the output, the better the transient
response.
4
5
3
1
2
VIN
EN/UVLO
CSH
VOUT
FB
LSD
560pF
8.06k
BST
COMP
6
HSD
12
VSW
11
GND
D1
SD103BWS
2.2µF
10V
0.1µF
10
8
VDD 7
U1 MIC2198-BML
9
100pF
11.5k
100k
VOUT
VOUT
CSH
J2
EN
J1
+VIN
VIN
CSH
VOUT
10k
10k
1µF
25V
330µF
16V
10µF
10µF
10µF
10µF
10µF
22µF
1VOUT @10A
D2
1N5819HW
IRF7821
IRF7821
L1
1.8µH
CDEP134-1R8MC-H
12.4k
330µF
Tantalum
OUT
VCC1
VCC2
VIN
FB
ISENSE
COMP
GND
10nF
MIC5191
1µF
VOUT
12V
Figure 9. Post Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com