Electronic Components Datasheet Search
  English  ▼

X  

MA44700 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA44700
Description  Surface Mount Low Power Step Recovery Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA44700 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA44700 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA44700 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA44700 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Surface Mount Low Power Step Recovery Diodes
M/A-COM Products
Rev. V6
MA44700 Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Case Styles
F
D
H
J
A
G
L
C
E
B
K
N
M
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
⎯
0.048
⎯
1.22
B
⎯
0.008
⎯
0.20
C
⎯
0.040
⎯
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
⎯
0.103
⎯
2.60
L
⎯
0.024
⎯
0.60
DIM.
GRADIENT
M
10
° max.
N
2
° . . .30°
SOT-23 (Case Style 287)
SC-79 (Case Style 1279)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.020
0.028
0.50
0.71
B
0.003
0.008
0.08
0.20
C
0.006
0.010
0.15
0.25
D
0.010
0.014
0.25
0.36
E
0.059
0.067
0.08
0.15
F
0.043
0.051
1.50
1.30
G
0.011
0.012
0.28
0.30
H
0.037
typical
0.043
0.94
1.09
D
E
F
Cathode
Mark
B
C
Seating
Plane
10° Max
A
10° Max
G
H
Topview
SOT-23 (Case Style 287)
SC-79 (Case Style 1279)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com