Electronic Components Datasheet Search
  English  ▼

X  

MA44700 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA44700
Description  Surface Mount Low Power Step Recovery Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA44700 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA44700 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA44700 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA44700 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Surface Mount Low Power Step Recovery Diodes
M/A-COM Products
Rev. V6
MA44700 Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Mounting Information
The illustration indicates the recommended mount-
ing pad configuration for the SOT-23 and SC-79
packages. Solder paste containing flux should be
screened onto the pads to a thickness of 0.005-
0.007 inches. The plastic package is placed in posi-
tion, firmly adhering to the solder paste.
Permanent attachment is performed by a reflow sol-
dering procedure during which the tab temperature
does not exceed +275
°C and the body temperature
does not exceed +250
°C, for standard models and
+260
°C for the RoHS compliant devices.
Please refer to Application Note M538 for surface
mounting instructions.
SC-79
0.020
0.50
0.053
1.35
inches
mm
Dimenstions:
0.020
0.50
0.75
1.9
.037
0.95
.035
0.90
.090
2.2
.030
0.80
inches
mm
Dimenstions:
min.
min.
SOT-23
Package Configuration
SOT-23 (Case Style 287)
SC-79 (Case Style 1279)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com