Electronic Components Datasheet Search
  English  ▼

X  

MAAM37000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM37000
Description  Low Noise GaAs MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM37000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM37000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM37000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM37000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM37000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Low Noise GaAs MMIC Amplifier
3.5 - 7.0 GHz
Rev. V7
MAAM37000
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Noise Figure: 1.8 dB Typical
• Gain: 17 dB Typical
• Single Bias Supply
• DC Decoupled RF Input and Output
Description
The MAAM37000 die is a wide-band, low noise,
MMIC amplifier.
It includes two integrated gain
stages and employs series inductive feedback to
obtain excellent noise figure and a good 50 Ω, input
and output impedance match over the entire
frequency band. The MAAM37000 operates from a
single +4 V supply.
The MAAM37000 performs well as a low noise
amplifier in receive applications and as a driver or
buffer amplifier where high gain, excellent linearity
and low power consumption are important. Because
of its wide bandwidth, the MAAM37000 can be used
in numerous commercial and government system
applications,
such
as
TVRO,
VSAT,
missile
guidance, and radar.
The MAAM37000 is
manufactured in-house using a reliable, 0.5-micron,
GaAs MESFET process. This product is 100% RF
tested to ensure compliance to performance
specifications.
Die
Ordering Information
Part Number
Package
MAAM37000
DIE
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
Voltage
+7 V
Input Power
+20 dBm
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Schematic


Similar Part No. - MAAM37000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM37000 MACOM-MAAM37000 Datasheet
197Kb / 2P
Low Noise GaAs MMIC Amplifier 3.5-7GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
logo
Tyco Electronics
MAAM37000-A1 MACOM-MAAM37000-A1 Datasheet
122Kb / 2P
L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
More results

Similar Description - MAAM37000

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1102F1 NJRC-NJG1102F1 Datasheet
139Kb / 8P
LOW NOISE AMPLIFIER GaAs MMIC
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
Low-Noise GaAs Amplifier MMIC
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
LOW NOISE AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1_15 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
Low Noise GaAs MMIC Amplifier
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
GaAs MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com