Electronic Components Datasheet Search
  English  ▼

X  

MAAM37000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM37000
Description  Low Noise GaAs MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM37000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM37000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM37000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM37000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM37000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Low Noise GaAs MMIC Amplifier
3.5 - 7.0 GHz
Rev. V7
MAAM37000
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VDD = +4 VDC, IDD = 75 mA Typ, 100 mA
Parameter
Units
Min
Typ.
Max
Gain 2
dB
15.0
17.0
—
Gain Flatness
dB
± 0.8
Noise Figure 2
dB
—
1.8
2.8
Input VSWR
Output VSWR
Ratio
Ratio
—
—
1.5:1
1.5:1
—
—
Output Power at 1 dB Gain Compression
dBm
—
14
—
Third Order Intercept
dBm
—
24
—
Reverse Isolation
dB
—
35
—
Rth
°C/W
—
85
—
2. 100% on-wafer tested.
Noise Figure
VSWR
Typical Performance Curves
Gain
10
12
14
16
18
20
2345678
+25 C
-55 C
+85 C
Frequency (GHz)
0
1
2
3
4
5
6
2345678
+25 C
-55 C
+85 C
Frequency (GHz)
0
1
2
3
4
5
6
2345678
INPUT
OUTPUT
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com