Electronic Components Datasheet Search
  English  ▼

X  

MAAM71200 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM71200
Description  Low Noise GaAs MMIC Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM71200 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM71200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM71200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM71200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM71200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Low Noise GaAs MMIC Power Amplifier
7.5 - 12.0 GHz
Rev. V6
MAAM71200
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Bias Configuration 3,4,5
3. Nominal bias is obtained with on-chip resistors by grounding
pads S1b and S2b.
4. Ground pads S1b and S2c for lower current or ground pads
S1c and S2d for lowest current using on-chip resistors.
5. Optional biasing can be obtained with off-chip resistors bonded
to pads S1a and S2a. Adjusting the bias can customize the
performance to suit special requirements.
1000 pF min.
RF OUT
RF IN
VDD (D)
S1a
or
S1b or S1c
S2a
or
S2b, S2c
or S2d
Outline Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com