Electronic Components Datasheet Search
  English  ▼

X  

2SA1015 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1015
Description  LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1015 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1015 Datasheet HTML 1Page - Unisonic Technologies 2SA1015 Datasheet HTML 2Page - Unisonic Technologies 2SA1015 Datasheet HTML 3Page - Unisonic Technologies 2SA1015 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1015
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3of 4
www.unisonic.com.tw
QW-R201-004.C
TYPICAL CHARACTERISTICS
Static characteristics
Collector-Emitter Voltage, BVCEO (V)
-0
-4
-8
-12
-16
-20
0
-10
-20
-30
-40
-50
IB=-300µA
DC Current Gain
Collector current, IC (mA)
VCE=-6V
IB=-250µA
IB=-200µA
IB=-150µA
IB=-100µA
IB=-50µA
-10-1
-100
-101
-102
-103
100
101
102
103
Base-Emitter on Voltage
Base-Emitter Voltage, BVBEO (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-6V
Collector Current, IC (mA)
Saturation voltage
IC=10xIB
-10-1
-100
-101
-102
-10-1
-100
-101
-102
-103
-10-2
-10-1
-100
-101
VCE(SAT)
VBE(SAT)
Current Gain-Bandwidth Product
Collector Output Capacitance
Collector current, IC (mA)
VCE=-6V
Collector-Base Voltage, BVCBO (V)
f=1MHz
IE=0
-10-1
-100
-101
-102
100
101
102
103
-100
-101
-102
-103
-10-1
-100
-101
-102
-10-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com