Electronic Components Datasheet Search
  English  ▼

X  

2SC3669 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3669
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3669 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3669 Datasheet HTML 1Page - Unisonic Technologies 2SC3669 Datasheet HTML 2Page - Unisonic Technologies 2SC3669 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SC3669
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R209-015,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Turn-on Time
ton
0.2
Storage Time
tstg
1.0
Switching Time
Fall Time
tf
IB1
IB2
20μs
INPUT
OUTPUT
IB1
IB2
Vcc=30 V
IB1= -IB2=0.05A
DUTY CYCLE≦1%
0.2
μ
s
CLASSIFICATION OF hFE1
RANK
O
Y
RANGE
70-140
120-240
ELECTRICAL CHARACTERISTICS CURVES
Ic-VCE
Collector -Emitter Voltage, VcE (V)
0
24
6
10
0
0.4
0.8
1.2
1.6
12
2.0
8
Common Emitter
Ta=25℃
IB=5mA
10
15
20
25
35
VCE-Ic
Collector Current, Ic (A)
0
0.4
0.8
1.2
2.0
0
0.2
0.4
0.6
0.8
2.4
1
1.6
Common
Emitter
Ta=25℃
IB=5mA
10 15 20 30
40
50
VCE-Ic
Collector Current, Ic (A)
0
0.4
0.8
1.2
2.0
0
0.2
0.4
0.6
0.8
2.4
1
1.6
Common
Emitter
Ta=100℃
IB=5mA 10 15 20 30 40
50
VCE-Ic
Collector Current, Ic (A)
0
0.4
0.8
1.2
2.0
0
0.2
0.4
0.6
0.8
2.4
1
1.6
Common
Emitter
Ta=-55℃
IB=5mA
10 15 20 30 40 50
70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com