Electronic Components Datasheet Search
  English  ▼

X  

2SC3669 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3669
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3669 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3669 Datasheet HTML 1Page - Unisonic Technologies 2SC3669 Datasheet HTML 2Page - Unisonic Technologies 2SC3669 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SC3669
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R209-015,A
POWER AMPLIFIER APPLICATIONS
POWER SWITCHING APPLICATIONS
FEATURES
*Low saturation voltage
VCE(sat)= 0.5V(Max)
*High speed switching time: tstg=1.0μS(Typ.)
TO-252
1
1:BASE 2:COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C)
PARAMETER
SYMBOL
LIMITS
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
Ic
2
A
Base Current
IB
1
A
Collector Power Dissipation
Pc
1
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Breakdown Voltage
V(BR)CEO
Ic= 10mA, IB= 0
80
V
Collector Cut-Off Current
ICBO
VCB=80V, IE= 0
1.0
μ
A
Emitter Cut-Off Current
IEBO
VEB= 5V, Ic=0
1.0
μ
A
hFE1
VCE=2V, Ic=0.5A
70
240
DC Current Gain
hFE2
VCE=2V, Ic=1.5A
40
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=1A, IB=0.05A
0.15
0.5
V
Base- Emitter Saturation Voltage
VBE(sat)
Ic=1A, IB=0.05A
0.9
1.2
V
Transition Frequency
fT
VCE=2V, Ic=0.5A
100
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE= 0, f=1MHz
30
pF


Similar Part No. - 2SC3669

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3669 TOSHIBA-2SC3669 Datasheet
176Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SC3669 TOSHIBA-2SC3669 Datasheet
140Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669G-X-AA3-R UTC-2SC3669G-X-AA3-R Datasheet
294Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC3669G-X-AB3-R UTC-2SC3669G-X-AB3-R Datasheet
294Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC3669

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com