Electronic Components Datasheet Search
  English  ▼

X  

2SD667 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD667
Description  SILICON NPN EPITAXIAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD667 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD667 Datasheet HTML 1Page - Unisonic Technologies 2SD667 Datasheet HTML 2Page - Unisonic Technologies 2SD667 Datasheet HTML 3Page - Unisonic Technologies 2SD667 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD667
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R211-019.A
TYPICAL CHARACTERISTICS
0
20
60
80
100
120
40
Emitter Current vs. Emitter-Base Voltage
02
4
6
8
10
12
Emitter-Base Voltage, VEB (V)
12
3
4
5
6
Collector-Emitter Voltage, VCE (V)
0
0
20
40
80
100
120
140
60
Collector Current vs. Collector-
Emitter Voltage
7
160
180
IB=90μA
IB=290μA
IB=490μA
IB=890μA
IB=1090μA
IB=690μA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com