Electronic Components Datasheet Search
  English  ▼

X  

2SD880 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD880
Description  NPN EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD880 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD880 Datasheet HTML 1Page - Unisonic Technologies 2SD880 Datasheet HTML 2Page - Unisonic Technologies 2SD880 Datasheet HTML 3Page - Unisonic Technologies 2SD880 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD880
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R203-013.D
NPN EPITAXIAL TRANSISTOR
DESCRIPTION
The UTC 2SD880 is designed for audio frequency power
amplifier applications.
FEATURES
* High DC Current Gain: hFE=200(Max.)(VCE=5V, IC=0.5A)
* Low Saturation Voltage: VCE(SAT)=1.0V(Max.)(IC=3A, IB=0.3A)
* High Power Dissipation: PC=30W (TA=25°C)
* Complementary to 2SB834
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SD880L-TA3-T
2SD880G-TA3-T
TO-220
B
C
E
Tube


Similar Part No. - 2SD880

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Unisonic Technologies
2SD880 UTC-2SD880 Datasheet
118Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
TRANSYS Electronics Lim...
2SD880 TEL-2SD880 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SD880 ISC-2SD880 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD880

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
NPN EPITAXIAL TRANSISTOR
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SC1766PT CHENMKO-2SC1766PT Datasheet
139Kb / 4P
NPN Epitaxial Transistor
2SD882PT CHENMKO-2SD882PT Datasheet
126Kb / 4P
NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
NPN Epitaxial Transistor
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
NPN Epitaxial Transistor
logo
Unisonic Technologies
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com