Electronic Components Datasheet Search
  English  ▼

X  

5N80 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 5N80
Description  5 Amps, 800 Volts N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N80 Datasheet(HTML) 4 Page - Unisonic Technologies

  5N80 Datasheet HTML 1Page - Unisonic Technologies 5N80 Datasheet HTML 2Page - Unisonic Technologies 5N80 Datasheet HTML 3Page - Unisonic Technologies 5N80 Datasheet HTML 4Page - Unisonic Technologies 5N80 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-483.b
SWITCHING TIME TEST CIRCUIT
VI
PW
2200µF 3.3µF
VDD
D. U. T.
L
VD
ID
Fig. 1 Unclamped Inductive Load Test Circuits
Fig. 2 Unclamped Inductive Waveforms
VDD
V(BR)DSS
VD
IDM
ID
VDD
1000µF
3.3µF
VDD
D. U. T.
L=100µH
Fig. 5 Test Circuit For Inductive Load Switching And Diode Reverse Recovery Time
A
B
D
G
S
85Ω
B
FAST
DIODE
+
-
RG
A
MOS
DIODE
A
B
S
D
G
25Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com