Electronic Components Datasheet Search
  English  ▼

X  

12N60 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 12N60
Description  12 Amps, 600/650 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60 Datasheet(HTML) 2 Page - Unisonic Technologies

  12N60 Datasheet HTML 1Page - Unisonic Technologies 12N60 Datasheet HTML 2Page - Unisonic Technologies 12N60 Datasheet HTML 3Page - Unisonic Technologies 12N60 Datasheet HTML 4Page - Unisonic Technologies 12N60 Datasheet HTML 5Page - Unisonic Technologies 12N60 Datasheet HTML 6Page - Unisonic Technologies 12N60 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-170.E
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
12N60-A
600
V
Drain-Source Voltage
12N60-B
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
12
A
Continuous
ID
12
A
Drain Current
Pulsed (Note 2)
IDM
48
A
Single Pulsed (Note 3)
EAS
790
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
24
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
225
°C/W
Power Dissipation
TO-220F/TO-220F1
PD
51
°C/W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 10mH, IAS = 12A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
ISD ≤ 12A, di/dt ≤200A/s, VDD ≤BVDSS Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
0.56
°C/W
Junction to Case
TO-220F/TO-220F1
θJC
2.43
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
12N60-A
600
V
Drain-Source Breakdown Voltage
12N60-B
BVDSS
VGS = 0 V, ID = 250 µA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600 V, VGS = 0 V
1
µA
Gate-Source Leakage Current
IGSS
VGS = ±30 V, VDS = 0 V
±100 nA
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/△TJ
ID = 250 µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 6.0A
0.55 0.8
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1480 1900 pF
Output Capacitance
COSS
200 270
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V, f = 1MHz
25
35
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
30
70
ns
Turn-On Rise Time
tR
115 240
ns
Turn-Off Delay Time
tD(OFF)
95
200
ns
Turn-Off Fall Time
tF
VDD = 300V, ID = 12A, RG = 25Ω
(Note 4, 5)
85
180
ns
Total Gate Charge
QG
42
54
nC
Gate-Source Charge
QGS
8.6
nC
Gate-Drain Charge
QGD
VDS= 480V,ID= 12A, VGS= 10 V
(Note 4, 5)
21
nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com