Electronic Components Datasheet Search
  English  ▼

X  

12N60 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 12N60
Description  12 Amps, 600/650 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60 Datasheet(HTML) 6 Page - Unisonic Technologies

  12N60 Datasheet HTML 1Page - Unisonic Technologies 12N60 Datasheet HTML 2Page - Unisonic Technologies 12N60 Datasheet HTML 3Page - Unisonic Technologies 12N60 Datasheet HTML 4Page - Unisonic Technologies 12N60 Datasheet HTML 5Page - Unisonic Technologies 12N60 Datasheet HTML 6Page - Unisonic Technologies 12N60 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
12N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-170.E
TYPICAL CHARACTERISTICS
Notes:
1.VDS=50V
2.250µs Pulse Test
55°C
25°C
150°C
101
100
10-1
24
6
8
10
Gate-Source Voltage, VGS (V)
Transfer Characteristics
Notes:
250µs Pulse Test
TC=25°C
Top:
VGS
15V
10V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
101
100
10-1
100
101
Drain-Source Voltage, VGS (V)
On-Resign Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com