Electronic Components Datasheet Search
  English  ▼

X  

18N40 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 18N40
Description  400V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N40 Datasheet(HTML) 1 Page - Unisonic Technologies

  18N40 Datasheet HTML 1Page - Unisonic Technologies 18N40 Datasheet HTML 2Page - Unisonic Technologies 18N40 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
18N40
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-389.A
400V N-CHANNEL POWER
MOSFET
DESCRIPTION
The UTC 18N40 is a 400V N-channel Power MOSFET,
providing customers with perfect RDS(ON), low gate charge and
operation with low gate voltages.
The UTC 18N40 is generally used as a load switch or applied in
PWM applications.
FEATURES
* RDS(ON) ≤ 408mΩ @VGS = 10 V
* Ultra Low Gate Charge: 50nC (TYP.)
* Low Reverse Transfer ( CRSS = typical 23pF )
* Fast Switching Speed
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen-Free
1
2
3
18N40L-T47-T
18N40G-T47-T
TO-247
G
D
S
Tube


Similar Part No. - 18N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
151Kb / 4P
18A, 400V N-CHANNEL POWER MOSFET
18N40G-T47-T UTC-18N40G-T47-T Datasheet
151Kb / 4P
18A, 400V N-CHANNEL POWER MOSFET
18N40G-T47-T UTC-18N40G-T47-T Datasheet
181Kb / 4P
N-CHANNEL POWER MOSFET
18N40G-TA3-T UTC-18N40G-TA3-T Datasheet
151Kb / 4P
18A, 400V N-CHANNEL POWER MOSFET
18N40G-TA3-T UTC-18N40G-TA3-T Datasheet
181Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - 18N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
3N40 UTC-3N40 Datasheet
198Kb / 6P
3A, 400V N-CHANNEL POWER MOSFET
4N40 UTC-4N40 Datasheet
153Kb / 3P
4A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
9N40 UTC-9N40 Datasheet
158Kb / 4P
9A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com