Electronic Components Datasheet Search
  English  ▼

X  

18N50 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 18N50
Description  18 Amps, 500 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N50 Datasheet(HTML) 2 Page - Unisonic Technologies

  18N50 Datasheet HTML 1Page - Unisonic Technologies 18N50 Datasheet HTML 2Page - Unisonic Technologies 18N50 Datasheet HTML 3Page - Unisonic Technologies 18N50 Datasheet HTML 4Page - Unisonic Technologies 18N50 Datasheet HTML 5Page - Unisonic Technologies 18N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
18N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-477.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
500
V
Gate to Source Voltage
VGSS
±30
V
Continuous
ID
18
A
Drain Current
Pulsed (Note 1)
IDM
72 (Note 6)
A
Single Pulsed (Note 2)
EAS
945
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
23.5
mJ
Avalanche Current (Note 1)
IAR
18
A
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Power Dissipation
PD
38.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJc
3.3
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com