Electronic Components Datasheet Search
  English  ▼

X  

13N50 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 13N50
Description  500V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13N50 Datasheet(HTML) 2 Page - Unisonic Technologies

  13N50 Datasheet HTML 1Page - Unisonic Technologies 13N50 Datasheet HTML 2Page - Unisonic Technologies 13N50 Datasheet HTML 3Page - Unisonic Technologies 13N50 Datasheet HTML 4Page - Unisonic Technologies 13N50 Datasheet HTML 5Page - Unisonic Technologies 13N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
13N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-362.c
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
13
A
Pulsed Drain Current (Note 2)
IDM
52
A
Avalanche Current (Note 2)
IAR
13
A
Single Pulsed Avalanche Energy (Note 3)
EAS
810
mJ
Repetitive Avalanche Energy (Note 2)
EAR
17
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
168
W
Power Dissipation (TC=25°C)
TO-220F
PD
48
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 9.3mA, IAS = 13A, VDD = 50V, RG= 25Ω ,Starting TJ = 25°C
4. ISD≤13.A, di/dt ≤200A/μs, VDD≤ BVDSS, Starting TJ= 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
°C/W
Junction to Ambient
TO-220F
θJA
62.5
°C/W
TO-220
0.74
°C/W
Junction to Case
TO-220F
θJC
2.58
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
500
V
Drain-Source Leakage Current
IDSS
VDS = 500V, VGS = 0V
1
μA
VGS = 30V, VDS = 0V
100
nA
Gate-Source Leakage Current
IGSS
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature
Coefficient
△
BVDSS/△TJ
ID = 250μA
Referenced to 25°C
0.5
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 6.5A
0.33
0.43
Ω
Forward Transconductance
gFS
VDS=50V, ID=6.25A (Note 1)
10
S
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1800 2300
pF
Output Capacitance
COSS
245
320
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
25
35
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
40
90
nS
Turn-On Rise Time
tR
140
290
nS
Turn-Off Delay Time
tD(OFF)
100
210
nS
Turn-Off Fall Time
tF
VDD =250V, ID =13A
RG =25Ω (Note 1,2)
85
180
nS
Total Gate Charge
QG
45
60
nC
Gate-Source Charge
QGS
11
nC
Gate-Drain Charge
QGD
VDS=400V, ID=13A, VGS=10 V
(Note 1, 2)
22
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com