Electronic Components Datasheet Search
  English  ▼

X  

13N50 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13N50
Description  500V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13N50 Datasheet(HTML) 1 Page - Unisonic Technologies

  13N50 Datasheet HTML 1Page - Unisonic Technologies 13N50 Datasheet HTML 2Page - Unisonic Technologies 13N50 Datasheet HTML 3Page - Unisonic Technologies 13N50 Datasheet HTML 4Page - Unisonic Technologies 13N50 Datasheet HTML 5Page - Unisonic Technologies 13N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-362.c
500V N-CHANNEL MOSFET
DESCRIPTION
The UTC 13N50 is an N-Channel enhancement mode power MOSFET.
The device adopts planar stripe and uses DMOS technology to minimize
and provide lower on-state resistance and faster switching speed. It can
also withstand high energy pulse under the avalanche and commutation
mode conditions.
The UTC 13N50 is ideally suitable for high efficiency switch mode
power supply, power factor correction, electronic lamp ballast based on half
bridge topology.
FEATURES
* RDS(ON) =0.48Ω @VGS = 10 V
* Ultra low gate charge (typical 43 nC )
* Low reverse transfer Capacitance ( CRSS = typical 20pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-220
1
1
TO-220F
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
13N50L-TA3-T
13N50G-TA3-T
TO-220
G
D
S
Tube
13N50L-TF3-T
13N50G-TF3-T
TO-220F
G
D
S
Tube
13N50L- TF1-T
13N50G-TF1-T
TO-220F1
G
D
S
Tube


Similar Part No. - 13N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50 UTC-13N50 Datasheet
167Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
logo
DONGGUAN YOU FENG WEI E...
13N50A YFWDIODE-13N50A Datasheet
849Kb / 5P
13A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
13n50c FAIRCHILD-13n50c Datasheet
647Kb / 9P
500V N-Channel MOSFET
More results

Similar Description - 13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
FQP2N50 FAIRCHILD-FQP2N50 Datasheet
717Kb / 8P
500V N-Channel MOSFET
FQP4N50 FAIRCHILD-FQP4N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
FQPF1N50 FAIRCHILD-FQPF1N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com