Electronic Components Datasheet Search
  English  ▼

X  

22N65 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 22N65
Description  HEXFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N65 Datasheet(HTML) 1 Page - Unisonic Technologies

  22N65 Datasheet HTML 1Page - Unisonic Technologies 22N65 Datasheet HTML 2Page - Unisonic Technologies 22N65 Datasheet HTML 3Page - Unisonic Technologies 22N65 Datasheet HTML 4Page - Unisonic Technologies 22N65 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
22N65
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-466.a
HEXFET POWER MOSFET
DESCRIPTION
As the SMPS MOSFET, the UTC 22N65 uses UTC’s advanced
technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable for use as a
load switch or in PWM applications.
FEATURES
* RDS(ON) = 350 Ω
* Ultra low gate charge ( Typical 150 nC )
* Low reverse transfer capacitance ( CRSS = typical 36 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-247
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
22N65L-T47-T
22N65G-T47-T
TO-247
G
D
S
Tube


Similar Part No. - 22N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N65 UTC-22N65 Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
22N65G-T47-T UTC-22N65G-T47-T Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
22N65G-T47-T UTC-22N65G-T47-T Datasheet
246Kb / 5P
N-CHANNEL POWER MOSFET
22N65L-T47-T UTC-22N65L-T47-T Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
22N65L-T47-T UTC-22N65L-T47-T Datasheet
246Kb / 5P
N-CHANNEL POWER MOSFET
More results

Similar Description - 22N65

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com