Electronic Components Datasheet Search
  English  ▼

X  

IXFX48N50Q Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX48N50Q
Description  HiPerFET Power MOSFETs Q-CLASS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX48N50Q Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX48N50Q Datasheet HTML 1Page - IXYS Corporation IXFX48N50Q Datasheet HTML 2Page - IXYS Corporation IXFX48N50Q Datasheet HTML 3Page - IXYS Corporation IXFX48N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
IXFK/IXFX 48N50Q
IXFK/IXFX 44N50Q
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
30
60
90
120
02
46
8
10
12 14
16 18
20
V
D S - V olts
VGS = 10V
8V
7V
5V
6V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
6
12
18
24
30
36
42
48
0
2
4
6
8
10
12
14
16
V
D S - Volts
VGS = 10V
7V
6V
5V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
6
12
18
24
30
36
42
48
012
3
4
5678
V
D S - V olts
VGS = 10V
7V
5V
6V
Fig. 4. R
DS(on) Nor m alize d to ID25 Value vs .
Junction Tem perature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
ID = 48A
ID = 24A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
6
12
18
24
30
36
42
48
54
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. R
DS(on) Nor m alize d to ID25
Value vs. I
D
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
3.4
0
12
2436
486072
8496
108 120
I
D - A mperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com