Electronic Components Datasheet Search
  English  ▼

X  

IXFX48N50Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX48N50Q
Description  HiPerFET Power MOSFETs Q-CLASS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX48N50Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX48N50Q Datasheet HTML 1Page - IXYS Corporation IXFX48N50Q Datasheet HTML 2Page - IXYS Corporation IXFX48N50Q Datasheet HTML 3Page - IXYS Corporation IXFX48N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
IXFK/IXFX 48N50Q
IXFK/IXFX 44N50Q
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
V
D S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100 120 140 160 180 200
Q
G - nanoCoulombs
VDS = 250V
ID = 24A
IG = 10mA
Fig. 7. Input Adm ittance
0
6
12
18
24
30
36
42
48
54
60
3.5
4
4.5
5
5.5
6
6.5
V
G S - V olts
TJ = 125ºC
25ºC
-40ºC
Fig. 12. Maxim um Transient Therm al
Resistance
0.01
0.1
1
1
10
100
1000
Pulse Width - milliseconds
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
0
6
12
18
24
30
36
42
48
54
60
I
D - A mperes
TJ = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-
Drain Voltage
0
10
20
30
40
50
60
70
80
90
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
V
S D - V olts
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com