Electronic Components Datasheet Search
  English  ▼

X  

IXFL39N90 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFL39N90
Description  HiPerFET Power MOSFETs ISOPLUS264
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL39N90 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFL39N90 Datasheet HTML 1Page - IXYS Corporation IXFL39N90 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
IXFL 39N90
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 15 V; ID = IT, Note 2
30
45
S
C
iss
13400
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1230
pF
C
rss
320
pF
t
d(on)
45
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
68
ns
t
d(off)
R
G = 1 Ω (External),
125
ns
t
f
30
ns
Q
g(on)
375
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
75
nC
Q
gd
190
nC
R
thJC
0.22
K/W
R
thCK
0.07
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
39
A
I
SM
Repetitive;
154
A
Note 1
V
SD
I
F = IS, VGS = 0 V,
1.3
V
Note 2
t
rr
I
F = 25A, -di/dt = 100 A/µs, VR = 100 V
250
ns
Q
RM
2
µC
I
RM
9A
Notes: 1. Pulse width limited by T
JM.
2. Pulse test, t
≤ 300 ms, duty cycle d ≤ 2%.
3. I
T Test current: IT = 19.5 A
ISOPLUS 264 OUTLINE
Please see IXFN39N90 data sheet
for characteristic curves.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com