Electronic Components Datasheet Search
  English  ▼

X  

IXFL39N90 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFL39N90
Description  HiPerFET Power MOSFETs ISOPLUS264
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL39N90 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFL39N90 Datasheet HTML 1Page - IXYS Corporation IXFL39N90 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
HiPerFETTM Power MOSFETs
ISOPLUS264TM
(Electrically Isolated Backside)
Single Die MOSFET
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
IXFL 39N90 V
DSS
= 900 V
I
D25
=
34 A
R
DS(on)
= 220 m
Ω
Ω
Ω
Ω
Ω
t
< ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3 mA
900
V
V
GH(th)
V
DS = VGS, ID = 8 mA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = IT
220 m
Ω
Notes 2, 3
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
900
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
900
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C, Chip capability
34
A
I
DM
T
C = 25°C, Note 1
154
A
I
AR
T
C = 25°C39
A
E
AR
T
C = 25°C64
mJ
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
580
W
T
J
-40 ... +150
° C
T
JM
150
°C
T
stg
-40 ... +150
° C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
Weight
8g
DS99094(10/03)
Preliminary Data Sheet
G
D
S
(Backside)
ISOPLUS-264TM
G = Gate
D = Drain
S = Source
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly
Space savings
High power density


Similar Part No. - IXFL39N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFL30N120P IXYS-IXFL30N120P Datasheet
115Kb / 4P
Polar Power MOSFET HiPerFET
IXFL32N120P IXYS-IXFL32N120P Datasheet
135Kb / 5P
Polar HiPerFET Power MOSFET
IXFL34N100 IXYS-IXFL34N100 Datasheet
117Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS264(Electrically Isolated Backside)
IXFL34N100 IXYS-IXFL34N100_09 Datasheet
115Kb / 2P
HiPerFET Power MOSFET ISOPLUS264
IXFL36N110P IXYS-IXFL36N110P Datasheet
92Kb / 2P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFL39N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
IXFL34N100 IXYS-IXFL34N100_09 Datasheet
115Kb / 2P
HiPerFET Power MOSFET ISOPLUS264
IXFL44N80 IXYS-IXFL44N80 Datasheet
519Kb / 2P
HiPerFET Power MOSFETs ISOPLUS264
IXFL60N80P IXYS-IXFL60N80P Datasheet
204Kb / 4P
PolarHV HiPerFET Power MOSFET ISOPLUS264
IXFL82N60P IXYS-IXFL82N60P Datasheet
211Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS264
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com