Electronic Components Datasheet Search
  English  ▼

X  

B1007-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # B1007-BD
Description  4.0-11.0 GHz GaAs MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

B1007-BD Datasheet(HTML) 1 Page - Mimix Broadband

  B1007-BD Datasheet HTML 1Page - Mimix Broadband B1007-BD Datasheet HTML 2Page - Mimix Broadband B1007-BD Datasheet HTML 3Page - Mimix Broadband B1007-BD Datasheet HTML 4Page - Mimix Broadband B1007-BD Datasheet HTML 5Page - Mimix Broadband B1007-BD Datasheet HTML 6Page - Mimix Broadband B1007-BD Datasheet HTML 7Page - Mimix Broadband B1007-BD Datasheet HTML 8Page - Mimix Broadband B1007-BD Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier
Excellent Transmit LO/Output Buffer Stage
Compact Size
23.0 dB Small Signal Gain
+20.0 dBm P1dB Compression Point
4.5 dB Noise Figure
Variable Gain with Adjustable Bias
100% On-Wafer RF, DC and Output Power Testing
100% Commercial-Level Visual Inspection Using
Mil-Std-883 Method 2010
Features
Chip Device Layout
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+4.3 VDC
180 mA
0V
+20.0 dBm
-65 to +165 ºC
-55 to +85 ºC
175 ºC
Page 1 of 9
Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure
Output Power for 1dB Compression (P1dB)
Saturated Output Power (Psat)
Drain Bias Voltage (Vd2)
Gate Bias Voltage (Vg2)
Supply Current (Id) (Vd=4.0V, Vg2=-0.5V Typical)
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
VDC
VDC
mA
Min.
4.0
-
-
-
-
-
-
-
-
-
-1.0
-
Typ.
-
20.0
12.0
23.0
+/-1.5
65.0
4.5
+20.0
+21.0
+4.0
-0.35
100
Max.
11.0
-
-
-
-
-
-
-
-
+4.0
-0.1
130
(2) Measured using constant current.
2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
B1007-BD
Mimix Broadband’s two stage 4.0-11.0 GHz GaAs
MMIC buffer amplifier has a small signal gain of 23.0
dB with a +20.0 dBm P1dB output compression point.
The device also provides variable gain regulation with
adjustable bias. This MMIC uses Mimix Broadband’s
GaAs PHEMT device model technology, and is based
upon electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Microwave and Millimeter-wave Point-to-Point Radio,
LMDS, SATCOM and VSAT applications.
General Description
October 2009 - Rev 10-Oct-09


Similar Part No. - B1007-BD

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B1007 PULSE-B1007 Datasheet
121Kb / 4P
BROADBAND xDSL, HPN, CMCs
logo
MicroPower Direct, LLC
B1007RW MPD-B1007RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1007RW MPD-B1007RW Datasheet
187Kb / 2P
B1000RW SERIES
More results

Similar Description - B1007-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
8.5-11.0 GHz GaAs MMIC Power Amplifier
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
11.0-17.0 GHz GaAs MMIC Receiver
XB1007-BD MIMIX-XB1007-BD Datasheet
224Kb / 9P
4.0-11.0 GHz GaAs MMIC Buffer Amplifier
XR1007_0610 MIMIX-XR1007_0610 Datasheet
443Kb / 8P
11.0-17.0 GHz GaAs MMIC Receiver
XB1007-BD MIMIX-XB1007-BD_07 Datasheet
224Kb / 9P
4.0-11.0 GHz GaAs MMIC Buffer Amplifier
XB1007-QT MIMIX-XB1007-QT Datasheet
972Kb / 6P
4.0-11.0 GHz GaAs MMIC Buffer Amplifier, QFN
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
11.0-20.0 GHz GaAs MMIC
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
4.0-11.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
11.0-17.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XB1007-QT MA-COM-XB1007-QT Datasheet
684Kb / 6P
4.0-11.0 GHz GaAs MMICBuffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com