Electronic Components Datasheet Search
  English  ▼

X  

B1007-BD Datasheet(PDF) 5 Page - Mimix Broadband

Part # B1007-BD
Description  4.0-11.0 GHz GaAs MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

B1007-BD Datasheet(HTML) 5 Page - Mimix Broadband

  B1007-BD Datasheet HTML 1Page - Mimix Broadband B1007-BD Datasheet HTML 2Page - Mimix Broadband B1007-BD Datasheet HTML 3Page - Mimix Broadband B1007-BD Datasheet HTML 4Page - Mimix Broadband B1007-BD Datasheet HTML 5Page - Mimix Broadband B1007-BD Datasheet HTML 6Page - Mimix Broadband B1007-BD Datasheet HTML 7Page - Mimix Broadband B1007-BD Datasheet HTML 8Page - Mimix Broadband B1007-BD Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Buffer Amplifier Measurements (cont.)
Page 5 of 9
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier
B1007-BD
XB1007-BD Vd=5.0 V, Id=130 mA, Vg2=Open
20
25
30
35
40
45
50
55
60
65
01
2
34567
8
9
10 11 12 13 14 15 16
Output Power SCL (dBm)
5.0 GHz
6.0 GHz
7.0 GHz
8.0 GHz
9.0 GHz
10.0 GHz
XB1007-BD Vd=5.0 V, Id=130 mA, Vg2=Open
22
23
24
25
26
27
28
29
30
31
32
33
34
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
Output Power SCL (dBm)
5.0 GHz
6.0 GHz
7.0 GHz
8.0 GHz
9.0 GHz
10.0 GHz
XB1007-BD Vd=See Legend, Id=130 mA, Vg2=Open
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
Frequency (GHz)
Vd=4.0V
Vd=4.5V
Vd=5.0 V
XB1007-BD Vd=See Legend, Id=130 mA, Vg1=Open
0
1
2
3
4
5
6
7
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
Frequency (GHz)
Vd=4.0 V
Vd=4.5 V
Vd=5.0 V
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2009 - Rev 10-Oct-09



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com