Electronic Components Datasheet Search
  English  ▼

X  

XP1044-QL Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1044-QL
Description  3W Power Amplifier ModuleMarch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1044-QL Datasheet(HTML) 1 Page - Mimix Broadband

  XP1044-QL Datasheet HTML 1Page - Mimix Broadband XP1044-QL Datasheet HTML 2Page - Mimix Broadband XP1044-QL Datasheet HTML 3Page - Mimix Broadband XP1044-QL Datasheet HTML 4Page - Mimix Broadband XP1044-QL Datasheet HTML 5Page - Mimix Broadband XP1044-QL Datasheet HTML 6Page - Mimix Broadband XP1044-QL Datasheet HTML 7Page - Mimix Broadband XP1044-QL Datasheet HTML 8Page - Mimix Broadband XP1044-QL Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
3.5-6.0 GHz
3W Power Amplifier Module
March 2010 - Rev 30-Mar-10
P1044-QL
34 dBm P1dB
Pout 26 dBm @ EVM = 2.5% (PAR=9.17 dB)
46 dBm OIP3
18.5 dB Gain
8V Voltage Supply
Input Internally Matched
7x7mm Surface Mount Package
Ideal for WiMAX Applications @ 5.8 GHz and
Applications between 4 GHz and 5 GHz
Features
Absolute Maximum Ratings
Drain Supply Voltage (Vd)
Gate Supply Voltage (Vg)
RF Input Power (RFin)
Stage 1 Current (Idd1)
Stage 2 Current (Idd2)
Power Dissipation (PDC)
Storage Temperature
Junctions Temperature
Operating Temperature
ESD (HBM)
Moisture Sensitivity Level
Thermal Resistance (Rth)*
+9.0V
0V ~ -5V
+23 dBm
375 mA
750 mA
9.0W
-55 to +150 ºC
175 ºC
-40 ºC to See Note 1
Class 1A
MSL3
15.6 ºC
General Description
The XP1044 is a highly linear 2-stage power amplifier
capable of 18.5 dB of gain, 34 dBm of power at 1 dB
compression and is housed in an RoHS compliant 7x7mm
package.The XP1044 provides less than 2.5% EVM at 26
dBm output power with 802.16 OFDM signal and peak to
average ratio 9.17 dB.The input and output of the device
are internally pre-matched facilitating a simplified input
and output match. This product operates off an 8V
voltage supply and requires negative voltage which is
used for current control.The XP1044-QL is specifically
designed for WiMAX applications between 4.9 GHz and 5.9
GHz, and the performance can be shifted by adding
external matching components to cover applications
between 3.5 GHz and 5.0 GHz.
Unless otherwise specified, the following specifications are guaranteed at room temperature in a Mimix test fixture.
*Thermal resistance of stage 2 only
(1) Calculate maximum operating backside temperature using:Tmax =
167 °C – [Vd*Idd2*Rth].Thermal resistance of the 1st stage is 2x Rth of
the output stage, and therefore Idd1 must not exceed ½ Idd2 for a
specific maximum temperature
Electrical Characteristics (T=25 oC)
Parameter
Frequency Range (f)
Power Gain
Linear Power (@ EVM=2.5%, OFDM, 802.16 PAR=9.17 dB)
Input Return Loss (S11)
Output IP3 @ 22 dBm/Tone
Noise Figure
Output P1dB
Stage 1 Supply Current (Idd1)
State 2 Supply Current (Idd2)
Stage 1 Gate Voltage (Vg1)
Stage 2 Gate Voltage (Vg2)
Supply Voltage (Vd1 & Vd2)
Units
GHz
dB
dBm
dB
dBm
dB
dBm
mA
mA
V
V
V
Min.
4.9
16.5
44
32.5
-1.2
-1.2
Typ.
5.8
18.5
26.0
-10.0
46.0
5
34.0
300
600
-0.85
-0.85
8.0
Max.
5.9
-0.5
-0.5
In production test Idd1 is set to 300mA and Idd2 is set to 600 mA by varying Vg1 and Vg2.


Similar Part No. - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier Module
logo
Mimix Broadband
XP1044-QL-0N00 MIMIX-XP1044-QL-0N00 Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
XP1044-QL-EV1 MIMIX-XP1044-QL-EV1 Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL_15 Datasheet
1Mb / 10P
3W Power Amplifier Module
More results

Similar Description - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
3W MONO AMPLIFIER
1998-Jun
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517 Datasheet
490Kb / 8P
3W Power Amplifier
XP1044-QL MA-COM-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier Module
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
3W Power Amplifier
XP1044-QL MA-COM-XP1044-QL_15 Datasheet
1Mb / 10P
3W Power Amplifier Module
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
3W audio power amplifier IC
TC8002CS FUMAN-TC8002CS Datasheet
384Kb / 5P
3W audio power amplifier IC
TC8002D FUMAN-TC8002D Datasheet
312Kb / 5P
3W audio power amplifier IC
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
3W mono audio power amplifier
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com