Electronic Components Datasheet Search
  English  ▼

X  

XP1044-QL Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1044-QL
Description  3W Power Amplifier ModuleMarch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1044-QL Datasheet(HTML) 3 Page - Mimix Broadband

  XP1044-QL Datasheet HTML 1Page - Mimix Broadband XP1044-QL Datasheet HTML 2Page - Mimix Broadband XP1044-QL Datasheet HTML 3Page - Mimix Broadband XP1044-QL Datasheet HTML 4Page - Mimix Broadband XP1044-QL Datasheet HTML 5Page - Mimix Broadband XP1044-QL Datasheet HTML 6Page - Mimix Broadband XP1044-QL Datasheet HTML 7Page - Mimix Broadband XP1044-QL Datasheet HTML 8Page - Mimix Broadband XP1044-QL Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P1044-QL
Page 3 of 10
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
3.5-6.0 GHz
3W Power Amplifier Module
March 2010 - Rev 30-Mar-10
XP1044-QL: Gain Vs Frequency
15
16
17
18
19
20
10
11
12
13
14
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
Frequency (GHz)
XP1044-QL: Input Return Loss (S11) Vs Frequency
-8
-6
-4
-2
0
-16
-14
-12
-10
-8
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
Frequency (GHz)
XP1044-QL: WCDMA 3GPP Downlink ACPR vs. Pout
Vd=8V, Idq1=300mA, Idq2=600mA
-44
-40
-36
-32
4.9GHz
5.0GHz
5.1GHz
5.2GHz
5.3GHz
5 4GH
-60
-56
-52
-48
23
23
24
24
25
25
26
26
27
27
28
28
Pout (dBm)
5.4GHz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
XP1044-QL: Input Return Loss (S22) Vs Frequency
-4
-3
-2
-1
0
-10
-9
-8
-7
-6
-5
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
Frequency (GHz)
XP1044-QL: Power vs. Frequency
Vd=8V, Idq1 = 300mA, Idq2 = 600mA
33
33.5
34
34.5
35
30
30.5
31
31.5
32
32.5
33
4 9
5 0
5 1
5 2
5 3
5 4
5 5
5 6
5 7
5 8
5 9
6 0
P1dB
Psat
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
Frequency (GHz)
XP1044-QL: OIP3 vs. Pout
Vd=8V, Idq1=300mA, Idq2=600mA
47
48
49
50
51
52
4.9GHz
5.0GHz
5.1GHz
38
39
40
41
42
43
44
45
46
47
18
19
20
21
22
23
24
25
26
27
28
5.2GHz
5.3GHz
5.4GHz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
Pout/Tone (dBm)
Typical Performance: (EV1, Idq1 = 300 mA, Idq2 = 600 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com