Electronic Components Datasheet Search
  English  ▼

X  

XP9003 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP9003
Description  30W Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP9003 Datasheet(HTML) 1 Page - Mimix Broadband

  XP9003 Datasheet HTML 1Page - Mimix Broadband XP9003 Datasheet HTML 2Page - Mimix Broadband XP9003 Datasheet HTML 3Page - Mimix Broadband XP9003 Datasheet HTML 4Page - Mimix Broadband XP9003 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
XP9003-MB: S-Parameters
-50
-40
-30
-20
-10
0
10
20
30
40
50
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
1.6 GHz
30W Power Amplifier Module
March 2010 - Rev 31-Mar-10
P9003-MB
Peak-Envelope Power, 30W with Pulsed Signal
3W Linear Power
38 dB Gain
9V Positive Voltage Supply
Fully Matched Internally
Thermally Efficient for Higher MTTF
Balanced Output Construction
Shielded Metal Lid
Low Harmonic Content
Small Size, 40x36mm
Surface Mount Package
Features
General Description
The XP9003-MB is a highly linear 3-stage power amplifier
module capable of 38 dB of gain, 30W of peak-power
and is housed in a surface mount, thermally efficient
package. XP9003-MB is fully matched internally and does
not require external components. The module operates
off a 9V voltage supply rail and is equipped with active
bias circuit and control voltage allowing for current
setting and minimizing variation over temperature and
voltage. This product is designed specifically for satellite
communication transmitters with high peak to average
signals. XP9003-MB achieves excess of 35 dBm of linear
power and less than -45 dBc adjacent channel power
ratio when operated under a 16 QAM traffic signal with 6
dB peak to average ratio.
Absolute Maximum Ratings
Operating this device above any of the above parameters
may cause permanent damage
Supply Voltage
+9.0V
Thermal Resistance
2.25°C/W
Moisture Sensitivity Rating
MSL 3
RF Input Power
+10 dBm
Storage Temperature
-55°C to 125 °C
Junctions Temperature
175°C
Operating Temperature
-40°C to 85 °C
ESD (HBM)
TBD


Similar Part No. - XP9003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP9003-MB MIMIX-XP9003-MB Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
XP9003-MB-0N00 MIMIX-XP9003-MB-0N00 Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
XP9003-MB-EV1 MIMIX-XP9003-MB-EV1 Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
More results

Similar Description - XP9003

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1100-1 MITSUBISHI-MA1100-1 Datasheet
23Kb / 1P
For DCS1800 - 30W Power Amplifier
MA1114-1 MITSUBISHI-MA1114-1 Datasheet
23Kb / 1P
For PCS - 30W Power Amplifier
logo
NTE Electronics
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
Integrated Circuit Module, AF Power Amplifier, 30W/Ch
logo
Toshiba Semiconductor
TA7250BP TOSHIBA-TA7250BP Datasheet
490Kb / 11P
30W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
logo
Toshiba Semiconductor
S-AV40 TOSHIBA-S-AV40 Datasheet
180Kb / 6P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 30W COMMERCIAL VHF RADIO APPLICATIONS
logo
Mimix Broadband
XP9003-MB MIMIX-XP9003-MB Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
30W GaN WIDEBAND POWER AMPLIFIER
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
AC/DC Power Module 30W
logo
TriQuint Semiconductor
TGA2578 TRIQUINT-TGA2578 Datasheet
576Kb / 13P
2-6GHz 30W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com