Electronic Components Datasheet Search
  English  ▼

X  

XP9003 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP9003
Description  30W Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP9003 Datasheet(HTML) 2 Page - Mimix Broadband

  XP9003 Datasheet HTML 1Page - Mimix Broadband XP9003 Datasheet HTML 2Page - Mimix Broadband XP9003 Datasheet HTML 3Page - Mimix Broadband XP9003 Datasheet HTML 4Page - Mimix Broadband XP9003 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P9003-MB
Page 2 of 5
1.6 GHz
30W Power Amplifier Module
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 31-Mar-10
Electrical Characteristics (T = 25°C)
Unless otherwise specified, the following specifications are guaranteed at room temperature in a Mimix test fixture
Parameter
Symbol Min Typ Max Unit
Condition
Operating Frequency
1620
MHz
Peak-Envelope Power
Pout
30
W
16 QAM, PAR = 6 dB, pulsed
Average Output Power
Pout Avr
35
dBm
16 QAM, PAR = 6 dB, pulsed,
ACPR -45 dBc
DC Power Consumption
Pdc
40
W
@ Pout = +35 dBm
Efficiency
Eff
15
%
@ Pout = +35 dBm
Power Gain
Gp
38
dB
Input Return Loss
S11
-10
dB
Input Impedance
Zin
50
ohm
Output Impedance
Zout
50
ohm
Voltage (stage 1)
Vcc1
5
V
Voltage (Stage 2)
Vcc2
9
V
Voltage (Stage 3)
Vcc3
9
V
Current (Stage 1)
Icc1
300
mA
Current (Stage 2)
Icc2
600
mA
@ Pout = +35 dBm, 16QAM
Current (Stage 3)
Icc3
2000
mA
@ Pout = +35 dBm, 16QAM
Reference Voltage
Vref
9
V
Reference Current
Iref
50
mA
Control Voltage
Vcntrl
9
V
Control Current
Icntrl
2
mA
Bias Circuit Voltage
VCBias
5
V
Bias Circuit Current
ICBias
150
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com