Electronic Components Datasheet Search
  English  ▼

X  

ADC1213S Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ADC1213S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213S Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ADC1213S Datasheet HTML 9Page - NXP Semiconductors ADC1213S Datasheet HTML 10Page - NXP Semiconductors ADC1213S Datasheet HTML 11Page - NXP Semiconductors ADC1213S Datasheet HTML 12Page - NXP Semiconductors ADC1213S Datasheet HTML 13Page - NXP Semiconductors ADC1213S Datasheet HTML 14Page - NXP Semiconductors ADC1213S Datasheet HTML 15Page - NXP Semiconductors ADC1213S Datasheet HTML 16Page - NXP Semiconductors ADC1213S Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ADC1213S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 14 March 2011
13 of 39
NXP Semiconductors
ADC1213S series
Single 12-bit ADC; serial JESD204A interface
11. Application information
11.1 Analog inputs
11.1.1 Input stage description
The analog input of the ADC1213S supports a differential or a single-ended input drive.
Optimal performance is achieved using differential inputs with the common-mode input
voltage (VI(cm)) on pins INP and INM set to 0.5VDDA.
The full-scale analog input voltage range is configurable between 1 V (p-p) and 2 V (p-p)
via a programmable internal reference (see Section 11.2 and Table 21).
Figure 6 shows the equivalent circuit of the sample-and-hold input stage, including
ElectroStatic Discharge (ESD) protection and circuit and package parasitics.
The sample phase occurs when the internal clock (derived from the clock signal on pin
CLKP/CLKM) is HIGH. The voltage is then held on the sampling capacitors. When the
clock signal goes LOW, the stage enters the hold phase and the voltage information is
transmitted to the ADC core.
11.1.2 Anti-kickback circuitry
Anti-kickback circuitry (RC filter in Figure 7) is needed to counteract the effects of a
charge injection generated by the sampling capacitance.
The RC filter is also used to filter noise from the signal before it reaches the sampling
stage. The value of the capacitor should be chosen to maximize noise attenuation without
degrading the settling time excessively.
Fig 6.
Input sampling circuit
005aaa185
INP
package
ESD
parasitics
switch
Ron = 15 Ω
Cs
Cs
switch
Ron = 15 Ω
INM
8
7
internal
clock
internal
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com