Electronic Components Datasheet Search
  English  ▼

X  

LPC1769 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1769
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1769 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1769 Datasheet HTML 45Page - NXP Semiconductors LPC1769 Datasheet HTML 46Page - NXP Semiconductors LPC1769 Datasheet HTML 47Page - NXP Semiconductors LPC1769 Datasheet HTML 48Page - NXP Semiconductors LPC1769 Datasheet HTML 49Page - NXP Semiconductors LPC1769 Datasheet HTML 50Page - NXP Semiconductors LPC1769 Datasheet HTML 51Page - NXP Semiconductors LPC1769 Datasheet HTML 52Page - NXP Semiconductors LPC1769 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
49 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
Conditions: VBAT = 3.0 V; VDD(REG)(3V3) = 3.0 V; RTC running.
Fig 10. Deep power-down mode: Typical regulator supply current IDD(REG)(3V3) and battery
supply current IBAT versus temperature
002aag120
temperature (°C)
-40
85
35
10
60
-15
0.8
1.6
0.4
1.2
2.0
0
IDD(REG)(3V3)
IBAT
IDD(REG)(3V3)/IBAT
(µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com